Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download 2743008112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2743008112 printed: 2010-11-09 part number: 2743008112 frequency range: broadband frequencies 25-300 mhz (43 material) description: 43 bead on lead application: suppression components where used: board component part type: beads-on-leads preferred part: mechanical specifications weight: .700 (g) part type information ferrite suppression beads are supplied assembled on tinned copper wire for automated circuit board assembly. -parts with a '2' as the last digit of the part number are supplied taped and reeled per iec 60286-1 and eia rs-296-f standards. taped and reeled parts are supplied 4500 pieces on a 14'' reel. taping details: component pitch 5 mm. inside tape spacing 52.5 mm. tape width 6 mm. -beads-on-leads can be supplied bulk packed. the last digit of bulk packed parts is a '1'. -wires are oxygen free high conductivity copper with a lead-free tin coating. the resistance of the wire is 3.5 mohm for the 22 awg and 2.2 mohm for the 20 awg wire. -beads-on-leads are controlled for impedances only. the impedances listed are typical values. minimum impedance values are specified for the + marked frequencies. the minimum guaranteed impedance is the listed impedance less 20%. the impedances of the 73 & 43 beads-on-leads are measured on the 4193a vector impedance analyzer. the 61 beads-on-leads are tested for impedance on the 4191a rf impedance analyzer. -preferred beads-on-leads are the suggested choice for new designs. samples are readily available and orders have typically shorter lead times than other beads-on-leads. for any bead-on lead requirement not listed here, feel free to contact our customer service group for availability and pricing. -our 'bead-on-lead suppression kit' (part number 0199000028) is available for prototype evaluation. -explanation of part numbers: digits 1&2 = product class, 3&4 = material grade and last digit 1 = bulk packed, 2 = taped and reeled.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2743008112 printed: 2010-11-09 mechanical specifications dim mm mm nominal inch tol inch misc. a 3.50 0.25 0.138 - b 62.00 1.50 2.440 - c 11.40 0.40 0.450 - d 0.65 - - 22 awg e - - - - f - - - - g - - - - h - - - - j - - - - k - - - - land patterns v w x y z ref - - - - - - - - - - winding information turns wire 1st wire 2nd wire tested size length length - - - - reel information tape width pitch parts 7 '' parts 13 '' parts 14 '' mm mm reel reel reel 6 5 - - 4500 package size pkg size - (-) electrical specifications typical impedance ( ) 10 mhz 72 25 mhz+ 116 100 mhz+ 180 250 mhz 168 connector plate # holes # rows - - electrical properties legend + test frequency preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available. the column h(oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. the actual dc h field in the application is this value of h times the actual ni (ampere-turn) product. for the effect of the dc bias on the impedance of the bead material, see figures 18-23 in the application note how to choose ferrite components for emi suppression. a ? turn is defined as a single pass through a hole. l/a - core constant l e : effective path length a e : effective cross-sectional area v e : effective core volume a l - inductance factor ( l __ n 2 ) nl - value of dc ampere-turns n/awg - number of turns/wire size for test coil
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2743008112 printed: 2010-11-09 see next page for further material specifications.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2743008112 printed: 2010-11-09
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2743008112 printed: 2010-11-09


▲Up To Search▲   

 
Price & Availability of 2743008112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X